Part Number Hot Search : 
MS6714GU 244CS 2EZ110 AD674BBR 2EZ110 G2227 TC114T MAX6701
Product Description
Full Text Search
 

To Download 381EL101M400H032 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Type 381EL 105 C Ultra-Long Life Snap-In, Aluminum
More than 100,000 Hours Operation at 65 C and Rated 105 C Ripple
The new 381EL extends expected life capability to 15 years or more in typical applications. And that's with the 105 C rated ripple current applied. With 3.5 times the life of our long-life Type 381LX, the Type 381EL is the choice for hot applications like industrial power supplies, inverter lighting systems and motor drives.
Highlights
* * * * * * Operating Temperature: Rated Voltage: Capacitance: Leakage Current: Ripple Current Multipliers: High value extended life. Withstands 7000 hours at 105 C with rated ripple current. Expected life more than 100,000 hours at 65 C with rated ripple. Rated voltage to 450 Vdc. Made in USA. 50% more ripple current than 381L.
-40 C to + 105 C up to 300 V, -25 C to 105 C 160 to 450 Vdc 39 F to 2,200 F 20% 3 CV A, at 5 minutes Ambient Temperature 45 C 2.35 Frequency 50Hz 0.75 60 Hz 0.80 120 Hz 1.00 500 Hz 1.20 1 kHz 1.25 10 kHz & up 1.40 60 C 2.20 70 C 2.00 85 C 1.55
Specifications
315 V
105 C 1.00
EIA Ripple Life: Load LifeTest:
Shelf Life:
Complies with the EU Directive 2002/95/EC requirement restricting the use of Lead (Pb), Mercury (Hg), Cadmium (Cd), Hexavalent chromium (Cr(VI)), PolyBrominated Biphenyls (PBB) and PolyBrominated Diphenyl Ethers (PBDE).
20,000 h at 85 C,per EIA IS-749 with 105 C ripple current. Capacitance 20% ESR 200% of limit 7000 h at full load at 105 C Capacitance 20% ESR 200% of limit DCL 100% of limit 1000 h at 105 C Capacitance 20% ESR 200% of limit DCL 100% of limit 10 to 55 Hz, 0.06" and 10 g max, 2 h each plane
Vibration:
CDM Cornell Dubilier * 140 Technology Place * Liberty, SC 29657 * Phone: (864)843-2277 * Fax: (864)843-3800 * www.cde.com
Type 381EL 105 C Ultra-Long Life Snap-In, Aluminum
Outline Drawing
Insulated Case Dimensions
Case Code H01 H02 H03 H04 H45 H05 J01 J02 J03 J04 J45 J05 DIAMETER D mm 22 22 22 22 22 22 25 25 25 25 25 25 inches 0.87 0.87 0.87 0.87 0.87 0.87 0.98 0.98 0.98 0.98 0.98 0.98 LENGTH L mm 25 30 35 40 45 50 25 30 35 40 45 50 inches 0.98 1.18 1.38 1.57 1.77 1.97 0.98 1.18 1.38 1.57 1.77 1.97 Typical Weight (grams) 16 19 22 24 28 31 20 24 27 31 35 38 Case Code K01 K02 K03 K04 K45 K05 A01 A02 A03 A04 A45 A05 DIAMETER D mm 30 30 30 30 30 30 35 35 35 35 35 35 inches 1.18 1.18 1.18 1.18 1.18 1.18 1.38 1.38 1.38 1.38 1.38 1.38 LENGTH L mm 25 30 35 40 45 50 25 30 35 40 45 50 inches 0.98 1.18 1.38 1.57 1.77 1.97 0.98 1.18 1.38 1.57 1.77 1.97 Typical Weight (grams) 30 35 40 44 49 53 42 48 54 60 67 74
Part Numbering System
381EL 821
M
200
K04
2
Type
Capacitance
390 = 39 F 122 = 1200 F
Tolerance
M = 20%
Rated Voltage
Vdc
Case Code
Insulation
2=PVC
Typical Performance Curves
CDM Cornell Dubilier * 140 Technology Place * Liberty, SC 29657 * Phone: (864)843-2277 * Fax: (864)843-3800 * www.cde.com
Type 381EL 105 C Ultra-Long Life Snap-In, Aluminum
Ratings
Cap. (F) Catalog Part Number ESR Max DF Max @ 25 C 120Hz 120 Hz 20 kHz () () 160 Vdc (200 Vdc Surge) 270 330 390 390 470 470 560 560 560 680 680 680 820 820 1000 1000 1200 1200 1200 1500 1500 1800 1800 2200 381EL271M160H012 381EL331M160H022 381EL391M160H022 381EL391M160J012 381EL471M160H032 381EL471M160J022 381EL561M160H042 381EL561M160J022 381EL561M160K012 381EL681M160H452 381EL681M160J032 381EL681M160K022 381EL821M160J042 381EL821M160K022 381EL102M160J452 381EL102M160K032 381EL122M160J052 381EL122M160K042 381EL122M160A032 381EL152M160K452 381EL152M160A032 381EL182M160K052 381EL182M160A042 381EL222M160A052 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.13 0.13 0.13 0.13 0.13 0.14 0.14 0.14 0.66 0.54 0.45 0.45 0.38 0.38 0.32 0.32 0.32 0.26 0.26 0.26 0.22 0.22 0.18 0.18 0.16 0.16 0.16 0.13 0.13 0.12 0.12 0.09 0.30 0.24 0.20 0.20 0.17 0.17 0.14 0.14 0.14 0.12 0.12 0.12 0.10 0.10 0.08 0.08 0.08 0.08 0.08 0.06 0.06 0.06 0.06 0.06 1.10 1.20 1.30 1.30 1.40 1.40 1.50 1.50 1.50 1.70 1.70 1.70 2.00 2.00 2.20 2.20 2.30 2.30 2.30 2.50 2.50 2.70 2.70 2.90 1.54 1.68 1.82 1.82 1.96 1.96 2.10 2.10 2.10 2.38 2.38 2.38 2.80 2.80 3.08 3.08 3.22 3.22 3.22 3.50 3.50 3.78 3.78 4.06 22 x 25 22 x 30 22 x 30 25 x 25 22 x 35 25 x 30 22 x 40 25 x 30 30 x 25 22 x 45 25 x 35 30 x 30 25 x 40 30 x 30 25 x 45 30 x 35 25 x 50 30 x 40 35 x 35 30 x 45 35 x 35 30 x 50 35 x 40 35 x 50 220 270 330 330 390 390 470 470 470 560 560 560 680 680 680 820 820 820 1000 1000 1200 1200 1500 1500 Ripple Amps Nominal @ 105 C Size 120 Hz 20 kHz D x L (A) (A) (mm) Cap. (F) Catalog Part Number ESR Max DF Max @ 25 C 120Hz 120 Hz 20 kHz () () 180 Vdc (225 Vdc Surge) 381EL221M180H012 381EL271M180H012 381EL331M180H022 381EL331M180J012 381EL391M180H022 381EL391M180J012 381EL471M180H032 381EL471M180J022 381EL471M180K012 381EL561M180H042 381EL561M180J032 381EL561M180K012 381EL681M180H052 381EL681M180J042 381EL681M180K022 381EL821M180J452 381EL821M180K032 381EL821M180A022 381EL102M180K042 381EL102M180A022 381EL122M180K452 381EL122M180A032 381EL152M180K052 381EL152M180A042 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.13 0.13 0.13 0.13 0.13 0.14 0.14 0.14 0.80 0.66 0.54 0.54 0.45 0.45 0.38 0.38 0.38 0.32 0.32 0.32 0.26 0.26 0.26 0.22 0.23 0.23 0.19 0.19 0.16 0.17 0.14 0.14 0.36 0.30 0.24 0.24 0.20 0.20 0.17 0.17 0.17 0.14 0.14 0.14 0.12 0.12 0.12 0.10 0.11 0.11 0.10 0.10 0.08 0.09 0.07 0.07 1.00 1.10 1.20 1.20 1.30 1.30 1.40 1.40 1.40 1.50 1.50 1.50 1.70 1.70 1.70 2.00 2.00 2.00 2.20 2.20 2.30 2.30 2.50 2.50 1.40 1.54 1.68 1.68 1.82 1.82 1.96 1.96 1.96 2.10 2.10 2.10 2.38 2.38 2.38 2.80 2.80 2.80 3.08 3.08 3.22 3.22 3.50 3.50 22 x 25 22 x 25 22 x 30 25 x 25 22 x 30 25 x 25 22 x 35 25 x 30 30 x 25 22 x 40 25 x 35 30 x 25 22 x 50 25 x 40 30 x 30 25 x 45 30 x 35 35 x 30 30 x 40 35 x 30 30 x 45 35 x 35 30 x 50 35 x 40 Ripple Amps Nominal @ 105 C Size 120 Hz 20 kHz D x L (A) (A) (mm)
CDM Cornell Dubilier * 140 Technology Place * Liberty, SC 29657 * Phone: (864)843-2277 * Fax: (864)843-3800 * www.cde.com
Type 381EL 105 C Ultra-Long Life Snap-In, Aluminum
Cap. (F) 2200 220 270 270 330 330 390 390 390 470 470 470 560 560 560 680 680 820 820 820 1000 1000 1200 1200 1500 180 180 220 220 270 270 270 330 330 330 390 390 390 470 470 470 560 560 560 Catalog Part Number 381EL222M180A052 381EL221M200H012 381EL271M200H022 381EL271M200J012 381EL331M200H022 381EL331M200J012 381EL391M200H032 381EL391M200J022 381EL391M200K012 381EL471M200H042 381EL471M200J032 381EL471M200K022 381EL561M200H452 381EL561M200J032 381EL561M200K022 381EL681M200J042 381EL681M200K032 381EL821M200J052 381EL821M200K042 381EL821M200A022 381EL102M200K452 381EL102M200A032 381EL122M200K052 381EL122M200A042 381EL152M200A052 381EL181M250H022 381EL181M250J012 381EL221M250H022 381EL221M250J012 381EL271M250H032 381EL271M250J022 381EL271M250K012 381EL331M250H042 381EL331M250J032 381EL331M250K012 381EL391M250H452 381EL391M250J032 381EL391M250K022 381EL471M250J452 381EL471M250K032 381EL471M250A022 381EL561M250J052 381EL561M250K032 381EL561M250A022 DF Max 120Hz 0.14 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.13 0.13 0.13 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 ESR Max Ripple Amps Nominal @ 105 C @ 25 C Size 120 Hz 20 kHz 120 Hz 20 kHz D x L (A) (A) () () (mm) 0.094 0.80 0.66 0.66 0.54 0.54 0.45 0.45 0.45 0.38 0.38 0.38 0.32 0.32 0.32 0.26 0.26 0.22 0.22 0.22 0.18 0.18 0.16 0.16 0.13 0.82 0.82 0.67 0.67 0.55 0.55 0.55 0.45 0.45 0.45 0.38 0.38 0.38 0.31 0.31 0.31 0.26 0.26 0.26 0.067 0.36 0.30 0.30 0.24 0.24 0.20 0.20 0.20 0.17 0.17 0.17 0.14 0.14 0.14 0.12 0.12 0.10 0.10 0.10 0.09 0.09 0.08 0.08 0.06 0.41 0.41 0.34 0.34 0.27 0.27 0.27 0.22 0.22 0.22 0.19 0.19 0.19 0.16 0.16 0.16 0.13 0.13 0.13 2.9 1.00 1.10 1.10 1.20 1.20 1.30 1.30 1.30 1.40 1.40 1.40 1.50 1.50 1.50 1.70 1.70 2.00 2.00 2.00 2.20 2.20 2.30 2.30 2.50 0.90 0.90 1.00 1.00 1.10 1.10 1.10 1.20 1.20 1.20 1.30 1.30 1.30 1.40 1.40 1.40 1.50 1.50 1.50 4.06 1.40 1.54 1.54 1.68 1.68 1.82 1.82 1.82 1.96 1.96 1.96 2.10 2.10 2.10 2.38 2.38 2.80 2.80 2.80 3.08 3.08 3.22 3.22 3.50 1.26 1.26 1.40 1.40 1.54 1.54 1.54 1.68 1.68 1.68 1.82 1.82 1.82 1.96 1.96 1.96 2.10 2.10 2.10 35 x 50 22 x 25 22 x 30 25 x 25 22 x 30 25 x 25 22 x 35 25 x 30 30 x 25 22 x 40 25 x 35 30 x 30 22 x 45 25 x 35 30 x 30 25 x 40 30 x 35 25 x 50 30 x 40 35 x 30 30 x 45 35 x 35 30 x 50 35 x 40 35 x 50 22 x 30 25 x 25 22 x 30 25 x 25 22 x 35 25 x 30 30 x 25 22 x 40 25 x 35 30 x 25 22 x 45 25 x 35 30 x 30 25 x 45 30 x 35 35 x 30 25 x 50 30 x 35 35 x 30 82 100 100 120 120 150 150 150 180 180 180 220 220 220 82 100 120 120 150 150 150 180 180 180 220 220 220 270 270 270 330 330 330 390 390 470 470 560 680 Cap. (F) 680 820 820 1000 1200 Catalog Part Number 381EL681M250A032 381EL821M250K052 381EL821M250A042 381EL102M250A452 381EL122M250A052 381EL820M315H012 381EL101M315H022 381EL121M315H022 381EL121M315J012 381EL151M315H032 381EL151M315J022 381EL151M315K012 381EL181M315H042 381EL181M315J032 381EL181M315K012 381EL221M315H452 381EL221M315J042 381EL221M315K022 381EL271M315J452 381EL271M315K032 381EL271M315A022 381EL331M315J052 381EL331M315K042 381EL331M315A022 381EL391M315K452 381EL391M315A032 381EL471M315K052 381EL471M315A042 381EL561M315A452 381EL681M315A052 381EL820M350H012 381EL101M350H022 381EL101M350J012 381EL121M350H032 381EL121M350J022 381EL151M350H042 381EL151M350J022 381EL151M350K012 381EL181M350H452 381EL181M350J032 381EL181M350K022 381EL221M350H052 381EL221M350J042 381EL221M350K022 DF Max 120Hz 0.1 0.1 0.1 0.12 0.12 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.11 0.11 0.11 0.11 0.11 0.11 0.11 0.11 0.11 0.12 0.12 0.12 0.12 0.12 0.12 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.11 0.11 0.11 ESR Max Ripple Amps Nominal @ 105 C Size @ 25 C 120 Hz 20 kHz 120 Hz 20 kHz D x L (A) (A) (mm) () () 0.22 0.18 0.18 0.18 0.15 1.80 1.47 1.23 1.23 0.98 0.98 0.98 0.82 0.82 0.82 0.74 0.74 0.74 0.60 0.60 0.60 0.49 0.49 0.49 0.45 0.45 0.38 0.38 0.32 0.26 1.80 1.47 1.47 1.23 1.23 0.98 0.98 0.98 0.82 0.82 0.82 0.74 0.74 0.74 0.12 0.10 0.10 0.10 0.09 0.90 0.74 0.61 0.61 0.49 0.49 0.49 0.41 0.41 0.41 0.37 0.37 0.37 0.30 0.30 0.30 0.25 0.25 0.25 0.23 0.23 0.19 0.19 0.16 0.14 0.90 0.74 0.74 0.61 0.61 0.49 0.49 0.49 0.41 0.41 0.41 0.37 0.37 0.37 1.70 2.00 2.00 2.20 2.30 0.64 0.69 0.75 0.75 0.82 0.82 0.82 0.90 0.90 0.90 1.00 1.00 1.00 1.10 1.10 1.10 1.20 1.20 1.20 1.30 1.30 1.40 1.40 1.50 1.70 0.64 0.69 0.69 0.75 0.75 0.82 0.82 0.82 0.90 0.90 0.90 1.00 1.00 1.00 2.38 2.80 2.80 3.08 3.22 0.90 0.97 1.05 1.05 1.15 1.15 1.15 1.26 1.26 1.26 1.40 1.40 1.40 1.54 1.54 1.54 1.68 1.68 1.68 1.82 1.82 1.96 1.96 2.10 2.38 0.90 0.97 0.97 1.05 1.05 1.15 1.15 1.15 1.26 1.26 1.26 1.40 1.40 1.40 35 x 35 30 x 50 35 x 40 35 x 45 35 x 50 22 x 25 22 x 30 22 x 30 25 x 25 22 x 35 25 x 30 30 x 25 22 x 40 25 x 35 30 x 25 22 x 45 25 x 40 30 x 30 25 x 45 30 x 35 35 x 30 25 x 50 30 x 40 35 x 30 30 x 45 35 x 35 30 x 50 35 x 40 35 x 45 35 x 50 22 x 25 22 x 30 25 x 25 22 x 35 25 x 30 22 x 40 25 x 30 30 x 25 22 x 45 25 x 35 30 x 30 22 x 50 25 x 40 30 x 30
200 Vdc (250 Vdc Surge)
315 Vdc (365 Vdc Surge)
250 Vdc (300 Vdc Surge)
350 Vdc (400 Vdc Surge)
CDM Cornell Dubilier * 140 Technology Place * Liberty, SC 29657 * Phone: (864)843-2277 * Fax: (864)843-3800 * www.cde.com
Type 381EL 105 C Ultra-Long Life Snap-In, Aluminum
Cap. (F) Catalog Part Number ESR Max Ripple Amps Nominal DF @ 105 C @ 25 C Size Max 120Hz 120 Hz 20 kHz 120 Hz 20 kHz D x L (A) (A) () () (mm) 0.11 0.11 0.11 0.11 0.11 0.12 0.12 0.12 0.12 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.60 0.60 0.60 0.49 0.49 0.45 0.45 0.38 0.32 2.63 2.17 2.17 1.80 1.80 1.47 1.47 1.23 1.23 1.23 0.98 0.98 0.98 0.82 0.82 0.82 0.67 0.67 0.67 0.55 0.30 0.30 0.30 0.25 0.25 0.23 0.23 0.19 0.16 0.92 0.76 0.76 0.63 0.63 0.52 0.52 0.43 0.43 0.43 0.34 0.34 0.34 0.29 0.29 0.29 0.23 0.23 0.23 0.19 1.10 1.10 1.10 1.20 1.20 1.30 1.30 1.40 1.50 0.51 0.56 0.56 0.64 0.64 0.69 0.69 0.75 0.75 0.75 0.82 0.82 0.82 0.90 0.90 0.90 1.00 1.00 1.00 1.10 1.54 1.54 1.54 1.68 1.68 1.82 1.82 1.96 2.10 0.71 0.78 0.78 0.90 0.90 0.97 0.97 1.05 1.05 1.05 1.15 1.15 1.15 1.26 1.26 1.26 1.40 1.40 1.40 1.54 25 x 50 30 x 35 35 x 30 30 x 45 35 x 35 30 x 50 35 x 40 35 x 40 35 x 50 22 x 25 22 x 30 25 x 25 22 x 35 25 x 25 22 x 35 25 x 30 22 x 40 25 x 35 30 x 25 22 x 50 25 x 40 30 x 30 25 x 45 30 x 35 35 x 25 25 x 50 30 x 40 35 x 30 30 x 45 39 47 56 56 68 68 82 82 82 100 100 100 120 120 150 150 150 180 180 220 220 270 330 Cap. (F) Catalog Part Number ESR Max Ripple Amps Nominal DF @ 105 C Size @ 25 C Max 120Hz 120 Hz 20 kHz 120 Hz 20 kHz D x L (A) (A) (mm) () () 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.546 0.447 0.447 0.378 0.314 3.78 3.14 2.63 2.63 2.17 2.17 1.80 1.80 1.80 1.47 1.47 1.47 1.23 1.23 0.98 0.98 0.98 0.82 0.82 0.67 0.67 0.55 0.45 0.191 0.179 0.179 0.151 0.125 1.32 1.10 0.92 0.92 0.76 0.76 0.63 0.63 0.63 0.52 0.52 0.52 0.43 0.43 0.34 0.34 0.34 0.29 0.29 0.23 0.23 0.19 0.16 1.1 1.2 1.2 1.3 1.4 0.37 0.40 0.47 0.47 0.53 0.53 0.56 0.56 0.56 0.64 0.64 0.64 0.72 0.72 0.79 0.79 0.79 0.87 0.87 1.00 1.00 1.19 1.38 1.54 1.68 1.68 1.82 1.96 0.52 0.56 0.66 0.66 0.74 0.74 0.78 0.78 0.78 0.90 0.90 0.90 1.01 1.01 1.11 1.11 1.11 1.22 1.22 1.40 1.40 1.67 1.93 35 x 35 30 x 50 35 x 40 35 x 45 35 x 50 22 x 25 22 x 30 22 x 35 25 x 25 22 x 40 25 x 30 22 x 45 25 x 35 30 x 25 22 x 50 25 x 40 30 x 30 25 x 45 30 x 30 25 x 50 30 x 40 35 x 30 30 x 45 35 x 35 30 x 50 35 x 40 35 x 45 35 x 50
270 270 270 330 330 390 390 470 560 56 68 68 82 82 100 100 120 120 120 150 150 150 180 180 180 220 220 220 270
381EL271M350J052 381EL271M350K032 381EL271M350A022 381EL331M350K452 381EL331M350A032 381EL391M350K052 381EL391M350A042 381EL471M350A042 381EL561M350A052 381EL560M400H012 381EL680M400H022 381EL680M400J012 381EL820M400H032 381EL820M400J012 381EL101M400H032 381EL101M400J022 381EL121M400H042 381EL121M400J032 381EL121M400K012 381EL151M400H052 381EL151M400J042 381EL151M400K022 381EL181M400J452 381EL181M400K032 381EL181M400A022 381EL221M400J052 381EL221M400K042 381EL221M400A022 381EL271M400K452
270 330 330 390 470
381EL271M400A032 381EL331M400K052 381EL331M400A042 381EL391M400A452 381EL471M400A052 381EL390M450H012 381EL470M450H022 381EL560M450H032 381EL560M450J012 381EL680M450H042 381EL680M450J022 381EL820M450H452 381EL820M450J032 381EL820M450K012 381EL101M450H052 381EL101M450J042 381EL101M450K022 381EL121M450J452 381EL121M450K022 381EL151M450J052 381EL151M450K042 381EL151M450A022 381EL181M450K452 381EL181M450A032 381EL221M450K052 381EL221M450A042 381EL271M450A452 381EL331M450A052
450 Vdc (500 Vdc Surge)
400 Vdc (450 Vdc Surge)
CDM Cornell Dubilier * 140 Technology Place * Liberty, SC 29657 * Phone: (864)843-2277 * Fax: (864)843-3800 * www.cde.com


▲Up To Search▲   

 
Price & Availability of 381EL101M400H032

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X